Part Number Hot Search : 
FCH10A10 S1500 PC3500 MC3405 LT1461ED ES1JE 00201 LV2105V
Product Description
Full Text Search
 

To Download SMAJ170A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMAJ170A Transient Voltage Suppressors
Pppm300W IFSM40A
SMA/DO-214AC
FEATURE
Low profile package Ideal for surface mount pick and place applications Excellent clamping capability Very fast response time Low incremental surge resistance Glass passivated chip junction High temperature soldering guaranteed 260/10sec/at terminals
MECHANICAL DATA
TerminalPlated axial leads solderable per MIL-STD 202E, method 208C CaseMolded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polaritycolor band denotes cathode end Mounting positionany Dimensions in inches and (millimeters) MAXIMUM RATINGS (TA = 25 unless otherwise noted) C Parameter Peak pulse power dissipation with a 10/1000 s waveform (1,2) (Fig. 1) Peak pulse current with a waveform (1) Breakdown Voltage at IT=1mA Maximum Reverse Leakage at VWM=170V Maximum Clamping Voltage at IPPM Peak forward surge current 8.3 ms single half sinewave uni-directional only(2) Maximum instantaneous forward voltage at 25A for uni-directional only Typical thermal resistance, junction-to-lead Typical thermal resistance, junction-to--ambient Operating junction and Storage temperature range Symbol PPPM IPPM VBR IR VC IFSM VF Rth(jl) Rth(ja) Tj,Tstg SMAJ170A 300 1.09 189min 209max 1.0 275 40 3.5 30 120 -55 to +150 units W A V A V A V C/W C/W
Note: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 per Fig. 2. Rating is 300W above 78V C (2) Mounted on 0.2x0.2(5.0x5.0mm) copper pads to each terminal
Rev.A1 www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SMAJ170A
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of SMAJ170A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X